? semiconductor components industries, llc, 2013 april, 2013 ? rev. 10 1 publication order number: mm5z2v4t1/d mm5zxxxt1g series, szmm5zxxxt1g series zener voltage regulators 300 mw sod ? 523 surface mount this series of zener diodes is packaged in a sod ? 523 surface mount package. they are designed to provide voltage regulation protection and are especially attractive in situations where space is at a premium. they are well suited for applications such as cellular phones, hand held portables, and high density pc boards. specification features: ? standard zener breakdown voltage range ? 2.4 v to 75 v ? steady state power rating of 300 mw ? small body outline dimensions: 0.047 x 0.032 (1.20 mm x 0.80 mm) ? low body height: 0.028 (0.7 mm) ? esd rating of class 3 (> 16 kv) per human body model ? aec ? q101 qualified and ppap capable ? szmm5zxxxt1g ? sz prefix for automotive and other applications requiring unique site and control change requirements ? these are pb ? free devices* mechanical characteristics: case: void-free, transfer-molded, thermosetting plastic epoxy meets ul 94 v ? 0 lead finish: 100% matte sn (tin) mounting position: any qualified max reflow temperature: 260 c device meets msl 1 requirements maximum ratings rating symbol max unit total device dissipation fr ? 5 board, @ t a = 25 c p d 300 mw thermal resistance, junction ? to ? ambient (note 1) r ja 390 c/w junction and storage temperature range t j , t stg ? 65 to +150 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. eia/jedec51.3 board design and eia/jedec51.2 still air test method (25 mm 2 , 2 oz., 3.8 m plating). *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. device package shipping ? ordering information 1 cathode 2 anode see specific marking information in the device marking column of the electrical characteristics tables starting on page 3 of this data sheet. device marking information http://onsemi.com ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specifications brochure, brd8011/d. sod ? 523 case 502 style 1 marking diagram 1 2 mm5zxxxxt1g sod ? 523 (pb ? free) 3,000 / tape & reel xx = specific device code m = date code* = pb ? free package (note: microdot may be in either location) *date code orientation may vary depending upon manufacturing location. xx m szmm5zxxxt1g sod ? 523 (pb ? free) 3,000 / tape & reel
mm5zxxxt1g series, szmm5zxxxt1g series http://onsemi.com 2 electrical characteristics (t a = 25 c unless otherwise noted, v f = 0.9 v max. @ i f = 10 ma for all types) symbol parameter v z reverse zener voltage @ i zt i zt reverse current z zt maximum zener impedance @ i zt i zk reverse current z zk maximum zener impedance @ i zk i r reverse leakage current @ v r v r reverse voltage i f forward current v f forward voltage @ i f v z maximum temperature coefficient of v z c max. capacitance @v r = 0 and f = 1 mhz zener voltage regulator i f v i i r i zt v r v z v f typical characteristics temperature ( c) 25 0 100 40 20 0 power dissipation (%) 50 75 100 125 150 80 60 figure 1. steady state power derating
mm5zxxxt1g series, szmm5zxxxt1g series http://onsemi.com 3 electrical characteristics (t a = 25 c unless otherwise noted, v f = 0.9 v max. @ i f = 10 ma for all types) device* device marking zener voltage (note 1) zener impedance leakage current v z (mv/k) @ i zt c @ v r = 0 f = 1 mhz v z (volts) @ i zt z zt @ i zt z zk @ i zk i r @ v r min nom max ma ma a volts min max pf mm5z2v4t1g 00 2.2 2.4 2.6 5 100 1000 1.0 50 1.0 ? 3.5 0 450 mm5z2v7t1g 01 2.5 2.7 2.9 5 100 1000 1.0 20 1.0 ? 3.5 0 450 mm5z3v0t1g 02 2.8 3.0 3.2 5 100 1000 1.0 10 1.0 ? 3.5 0 450 mm5z3v3t1g 05 3.1 3.3 3.5 5 95 1000 1.0 5 1.0 ? 3.5 0 450 mm5z3v6t1g 06 3.4 3.6 3.8 5 90 1000 1.0 5 1.0 ? 3.5 0 450 MM5Z4V3T1G 08 4.0 4.3 4.6 5 90 1000 1.0 3 1.0 ? 3.5 0 450 mm5z4v7t1g 09 4.4 4.7 5.0 5 80 800 1.0 3 2.0 ? 3.5 0.2 260 mm5z5v1t1g 0a 4.8 5.1 5.4 5 60 500 1.0 2 2.0 ? 2.7 1.2 225 mm5z5v6t1g 0c 5.2 5.6 6.0 5 40 200 1.0 1 2.0 ? 2.0 2.5 200 mm5z6v2t1g 0e 5.8 6.2 6.6 5 10 100 1.0 3 4.0 0.4 3.7 185 mm5z6v8t1g 0f 6.4 6.8 7.2 5 15 160 1.0 2 4.0 1.2 4.5 155 mm5z7v5t1g 0g 7.0 7.5 7.9 5 15 160 1.0 1 5.0 2.5 5.3 140 mm5z8v2t1g 0h 7.7 8.2 8.7 5 15 160 1.0 0.7 5.0 3.2 6.2 135 mm5z9v1t1g 0k 8.5 9.1 9.6 5 15 160 1.0 0.2 7.0 3.8 7.0 130 mm5z10vt1g 0l 9.4 10 10.6 5 20 160 1.0 0.1 8.0 4.5 8.0 130 mm5z11vt1g 0m 10.4 11 11.6 5 20 160 1.0 0.1 8.0 5.4 9.0 130 mm5z12vt1g 0n 11.4 12 12.7 5 25 80 1.0 0.1 8.0 6.0 10 130 mm5z13vt1g 0p 12.4 13.25 14.1 5 30 80 1.0 0.1 8.0 7.0 11 120 mm5z15vt1g 0t 14.3 15 15.8 5 30 80 1.0 0.05 10.5 9.2 13 110 mm5z16vt1g 0u 15.3 16.2 17.1 5 40 80 1.0 0.05 11.2 10.4 14 105 mm5z18vt1g 0w 16.8 18 19.1 5 45 80 1.0 0.05 12.6 12.4 16 100 mm5z20vt1g 0z 18.8 20 21.2 5 55 100 1.0 0.05 14.0 14.4 18 85 mm5z22vt1g 10 20.8 22 23.3 5 55 100 1.0 0.05 15.4 16.4 20 85 mm5z24vt1g 11 22.8 24.2 25.6 5 70 120 1.0 0.05 16.8 18.4 22 80 mm5z27vt1g 12 25.1 27 28.9 2 80 300 1.0 0.05 18.9 21.4 25.3 70 mm5z30vt1g 14 28 30 32 2 80 300 1.0 0.05 21.0 24.4 29.4 70 mm5z33vt1g 18 31 33 35 2 80 300 1.0 0.05 23.2 27.4 33.4 70 mm5z36vt1g 19 34 36 38 2 90 500 1.0 0.05 25.2 30.4 37.4 70 mm5z39vt1g 20 37 39 41 2 130 500 1.0 0.05 27.3 33.4 41.2 45 mm5z43vt1g 21 40 43 46 2 150 500 1.0 0.05 30.1 37.6 46.6 40 mm5z47vt1g 1a 44 47 50 2 170 500 1.0 0.05 32.9 42.0 51.8 40 mm5z51vt1g 1c 48 51 54 2 180 500 1.0 0.05 35.7 46.6 57.2 40 mm5z56vt1g 1d 52 56 60 2 200 500 1.0 0.05 39.2 52.2 63.8 40 mm5z62vt1g 1e 58 62 66 2 215 500 1.0 0.05 43.4 58.8 71.6 35 mm5z68vt1g 1f 64 68 72 2 240 500 1.0 0.05 47.6 65.6 79.8 35 mm5z75vt1g 1g 70 75 79 2 255 500 1.0 0.05 52.5 73.4 88.6 35 1. zener voltage is measured with a pulse test current i z at an ambient temperature of 25 c. *include sz-prefix devices where applicable.
mm5zxxxt1g series, szmm5zxxxt1g series http://onsemi.com 4 package dimensions sod ? 523 case 502 issue e notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. maximum lead thickness includes lead finish. minimum lead thickness is the minimum thickness of base material. 4. dimensions d and e do not include mold flash, pro- trusions, or gate burrs. e d ? x ? ? y ? b 2x m 0.08 x y a h c dim min nom max millimeters d 1.10 1.20 1.30 e 0.70 0.80 0.90 a 0.50 0.60 0.70 b 0.25 0.30 0.35 c 0.07 0.14 0.20 l 0.30 ref h 1.50 1.60 1.70 12 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* e e recommended top view side view 2x bottom view l2 l 2x 2x 0.48 0.40 2x 1.80 dimension: millimeters package outline l2 0.15 0.20 0.25 style 1: pin 1. cathode (polarity band) 2. anode on semiconductor and are registered trademar ks of semiconductor components industries, llc (s cillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other intellectual property. a list ing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to an y products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of th e application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including ?typical s? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products ar e not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associ ated with such unintended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action em ployer. this literature is subject to all applicable copyrig ht laws and is not fo r resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 mm5z2v4t1/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loca l sales representative
|